Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40N60M2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STB40N60M2
Description  isc N-Channel MOSFET Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STB40N60M2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STB40N60M2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STB40N60M2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STB40N60M2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited STB40N60M2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited STB40N60M2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
isc N-Channel MOSFET Transistor
STB40N60M2
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0V; ID= 1mA
600
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 600V; VGS= 0V
--
--
1.0
uA
IGSS
Gate-Body Leakage Current
VGS= ±25V;VDS= 0V
--
--
±
10
uA
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= 250uA
2.0
--
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 17A
--
--
88
mΩ
VSD
Forward On-Voltage
IS= 34A; VGS= 0V
--
--
1.6
V
Ciss
Input Capacitance
VDS=400V,VGS=0V,f=1MHz
--
3200
--
pF
Coss
Output Capacitance
--
80
--
Crss
Reverse Transfer Capacitance
--
--
--
td(on)
Turn-On Delay Time
VDS=400V,ID=25A,
RG=10Ω,VGS=10V
--
18
--
ns
tr
Turn-On Rise Time
--
9
--
td(off)
Turn-Off Delay Time
--
70
--
tf
Turn-Off Fall Time
--
8
--
Qg
Total Gate Charge
VDS=400V,ID=25A,VGS=10V
--
75
--
nC
Qgs
Gate-Source Charge
--
17.1
--
Qgd
Gate-Drain Charge
--
34.5
--
RG
Gate Resistance
f=1MHz
--
1.4
--
Ω
trr
Reverse Recovery Time
VDD=400V,IS=25A,
diF/dt=100A/us
--
415
--
ns
Qrr
Reverse Recovery Charge
--
7.5
--
uC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com