Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6004W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH6004W
Description  Ultrafast Silicon Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH6004W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH6004W Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH6004W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Silicon Diode
STTH6004W
www.iscsemi.com
1
FEATURES
· Ultrafast switching
· Low reverse current
· Low thermal resistance
APPLICATIONS
· UPS
· Server power equipment
· high-frequency rectifier diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximal Inverted Repetitive Peak Voltage
400
V
IFAV
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% duty cycle
60
A
IFSM
Forward Peak Surge Current
(Rated Load 8.3 Half Mssine WaveAccording to JEDEC
Method)
600
A
TJ
Junction temperature
-40~175
℃
Tstg
storage temperature
-40~175
℃
Rθjc
Typical Thermal Resistance(per leg)
0.5
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage
IF= 60A
--
1.45
V
IR
Reverse leakage current
VR = Rated VR
--
0.01
mA
trr
Reverse Recovery Time
IF=0.5A
IR=1.0A IREC=0.25A
--
55
nS


Similar Part No. - STTH6004W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6004W STMICROELECTRONICS-STTH6004W Datasheet
84Kb / 6P
Ultrafast high voltage rectifier
18-Oct-2005
More results

Similar Description - STTH6004W

ManufacturerPart #DatasheetDescription
logo
Semikron International
UF4001 SEMIKRON-UF4001 Datasheet
113Kb / 2P
Ultrafast silicon rectifier diode
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
logo
Won-Top Electronics
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
logo
Semikron International
EGL34A SEMIKRON-EGL34A_07 Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
NXP Semiconductors
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
Rectifier diode ultrafast
Rev. 01 - 16 October 2007
logo
STMicroelectronics
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com