Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7564BPDTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7564BPDTR
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPDTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7564BPDTR Datasheet HTML 11Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 12Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 13Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 14Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 15Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 16Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 17Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 18Page - STMicroelectronics TDA7564BPDTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TDA7564B
Diagnostics functional description
15/34
Figure 21. SVR and output pin behavior (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for SHORT TO GND / Vs the fault-detection thresholds remain unchanged from
26 dB to 12 dB gain setting. They are as follows:
Figure 22. Short circuit detection thresholds
Concerning Short across the speaker / Open speaker, the threshold varies from 26 dB to 12
dB gain setting, since different loads are expected (either normal speaker's impedance or
high impedance). The values in case of 26 dB gain are as follows:
Figure 23. Load detection thresholds - high gain setting
If the Line-Driver mode (Gv= 12 dB and Line Driver Mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 24. Load detection threshold - low gain setting
Bias (power amp turn-on)
permitted time
Turn-on diagnostic
acquisition time (100mS Typ)
t
Read Data
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
Diagnostic Enable
(Turn-on)
Turn-on Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
Diagnostic Enable
(Permanent)
FAULT
event
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V
S.C. across Load
x
Open Load
0V
1.5
Ω
45
Ω
Infinite
x
Normal Operation
0.5
Ω
85
Ω
AC00060
D02AU1340
S.C. across Load
x
Open Load
0
Ω
7
Ω
180
Ω
infinite
x
Normal Operation
2
Ω
330
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com