Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFEVAL2-433R2 Datasheet(PDF) 23 Page - rfsolutions.ltd

Part # RFEVAL2-433R2
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RFEVAL2-433R2 Datasheet(HTML) 23 Page - rfsolutions.ltd

Back Button RFEVAL2-433R2 Datasheet HTML 16Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 17Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 18Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 19Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 20Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 21Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 22Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 23Page - rfsolutions.ltd RFEVAL2-433R2 Datasheet HTML 24Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Typical Application
SA123
Rx Decoder
T x Low Battery
4 Dig O/P's
Upto 48 T ransmitters
Configuring the outputs to operate with Transmitter Encoders
The principle of operation is as previously described in the operation of the RF600D.
Note that the on board RF600D will only operate the digital outputs of ‘pre-learnt’ transmitter
encoders. Upto 48 unique transmitters may be learnt. The Serial output will be valid whenever a
transmitter encoder is operated within range of the RF / IR receiver as long as the transmitter
encoder has a matching Manufacturers Key.
(For a unique manufacturers key please contact our
sales Department) No ‘pre-learning’ of the transmitter encoder is required for the serial data output.
Therefore if a serial output is required from a pre-learnt transmitter encoder the digital and serial
outputs must be logically gated together (using a simple logic gate).
Using HyperTerminal to view the Serial Data
The data can be viewed using any PC running Windows HyperTerminal using the following configuration.
(Assume Com 1 is the port being used:)
To start HyperTerminal go to :-
Start > Programs > Accessories > Communications > HyperTerminal.
Select Hypertrm.exe
Enter a name and select an Icon.
The ‘Connect To’ dialog box should now be open.
Select “Direct to COM1” in the ‘Connect Using’ Field and select OK.
In the COM1 Properties Dialog Box set the fields with the following parameters:
Bits per Second:
9600
Data Bits:
8
Parity:
None
Stop bits:
1
Flow control:
None
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com