Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14VMM3M Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DP14VMM3M
Description  10ft (3m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP 1.4 Cable / Cord - For Monitors/Displays - DisplayPort to DisplayPort Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14VMM3M Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DP14VMM3M Datasheet HTML 1Page - StarTech.com Ltd. DP14VMM3M Datasheet HTML 2Page - StarTech.com Ltd. DP14VMM3M Datasheet HTML 3Page - StarTech.com Ltd. DP14VMM3M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cable Length
9.8 ft [3 m]
Cable OD
0.3 in [7.5 mm]
Product Length
9.8 ft [3.0 m]
Product Width
0.8 in [2.0 cm]
Product Height
0.5 in [1.2 cm]
Weight of Product
8.5 oz [242.0 g]
Packaging
Information
Package Quantity
1
Package Length
10.0 in [25.5 cm]
Package Width
13.0 in [33.0 cm]
Package Height
0.8 in [2.0 cm]
Shipping (Package)
Weight
9.1 oz [257.0 g]
What's in the Box
Included in Package
1 - Displayport 1.4 8K Cable
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com