Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIDDMM5M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DVIDDMM5M
Description  5m DVI-D Dual Link Cable – M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DVIDDMM5M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DVIDDMM5M Datasheet HTML 1Page - StarTech.com Ltd. DVIDDMM5M Datasheet HTML 2Page - StarTech.com Ltd. DVIDDMM5M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5m DVI-D Dual Link Cable – M/M
Product ID: DVIDDMM5M
The DVIDDMM5M 5m DVI-D Dual Link cable features 2 male DVI (25-pin) connectors and offers 5 meters in cable
length, making it perfect for longer connections between your desktop or laptop computer and a DVI-D monitor or
projector.
The 5m DVI-D digital monitor cable supports resolutions of up to 2560x1600 and transmission rates of up to 9.9
Gbits/sec and is fully compliant with DVI DDWG standards.
Designed and constructed for maximum durability, this high quality digital video cable is backed by StarTech.com's
Lifetime Warranty.
Certifications, Reports and Compatibility
Applications
• Connect your desktop or laptop computer to a DVI-D Dual Link display or projector
Features
• Supports a maximum resolution of 2560x1600
• High-speed digital transmission rate of up to 9.9 Gbits/sec
• Ferrite core eliminates EMI interference


Similar Part No. - DVIDDMM5M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DVIDDMM2M STARTECH-DVIDDMM2M Datasheet
79Kb / 3P
2m DVI-D Dual Link Cable – M/M
More results

Similar Description - DVIDDMM5M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P560010 TRIPPLITE-P560010 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P560050 TRIPPLITE-P560050 Datasheet
501Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-001 TRIPPLITE-P560-001 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 1-ft.
P560-006 TRIPPLITE-P560-006 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P560-010 TRIPPLITE-P560-010 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P560-015 TRIPPLITE-P560-015 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P560-025 TRIPPLITE-P560-025 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P560-030 TRIPPLITE-P560-030 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 30-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com