Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC46MFKEY Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # GC46MFKEY
Description  Replacement PS/2 Keyboard to USB Adapter - F/M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

GC46MFKEY Datasheet(HTML) 2 Page - StarTech.com Ltd.

  GC46MFKEY Datasheet HTML 1Page - StarTech.com Ltd. GC46MFKEY Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specifications
Warranty
Lifetime
Connector Type(s)
1 - PS/2 (6 pin; Mini-DIN) Female
Connector Type(s)
1 - USB A (4 pin) Male
Product Length
50 mm [2 in]
Product Width
15 mm [0.6 in]
Product Height
7 mm [0.3 in]
Product Weight
0 kg [0 lb]
Shipping (Package) Weight 0 kg [0 lb]
Included in Package
1 - Replacement PS/2 Keyboard to USB Adapter - F/M
Certifications, Reports and Compatibility
uk.startech.com
0800 169 0408



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com