Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU7503 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ACU7503
Description  second generation highly-integrated digital music system solutions
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACU7503 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ACU7503 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ACU7503PRODUCT DATASHEET
Copyright © Actions Semiconductor Co., Ltd. 2006. All rights reserved.
Ver 1.3
Page 21
2007-1-22
4.4.7 External System Bus Parameter
Parameter
Symbol Condition
MIN. MAX. Unit
tXAS
Memory Read 25
ns
Address setup time (to command signal)Note 1, 2
tXAS
Memory Write 10
ns
Address hold time (from command signal)Note 1, 2
tXAH
5
ns
Data output setup time (to command signal)Note 1
tWXDS
20
ns
Data output hold time(from command signal)Note 1
tWXDH
10
ns
Data input setup time (to command signal)Note 1
tRXDS
20
ns
Data input hold time (from command signal)Note 1
tRXDH
10
ns
Notes:
1. MRD# and MWR# are called the command signals for the External System Bus Interface.
2. T (ns) = 1/ fMCUCLK
4.4.8 Bus Operation
Memory Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com