Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB415DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB415DS01
Description  415MHz Low-loss SAW Filter 9MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB415DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB415DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 3Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB415DS01
Rev. Date
2007-04-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
415MHz Low-loss SAW Filter
9MHz Bandwidth
Part Number: LB415DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
414
415
416
Insertion Loss(411~420MHz)
dB
-
2.2
3.5
1.5 dB Bandwidth
MHz
9
10.18
-
3 dB Bandwidth
MHz
-
11.51
-
Passband Variation(411~420MHz)
dB
-
0.2
1.5
Absolute Delay
usec
-
0.1
-
Group Delay Variation(411~420MHz)
nsec
-
45
-
S11(411~420MHz)
-
-
1.9
2
S22(411~420MHz)
-
-
1.85
2
DC~350MHz
dB
40
60
-
550~1000MHz
dB
40
47
-
Ultimate Rejection
1000~2000MHz
dB
30
33
-
Material Temperature coefficient
KHz/°C
-12.45
Ambient Temperature
°C
25
Package Size
SMD3.8*3.8
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LB415DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB415DS01 SIPAT-LB415DS01 Datasheet
161Kb / 4P
415MHz Low-loss SAW Filter
More results

Similar Description - LB415DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A21 SIPAT-LBN70A21 Datasheet
281Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
200MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
455.9MHz SAW Filter 9MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LB415DS01 SIPAT-LB415DS01 Datasheet
161Kb / 4P
415MHz Low-loss SAW Filter
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBN41505 SIPAT-LBN41505 Datasheet
296Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBN41506 SIPAT-LBN41506 Datasheet
327Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com