Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTP312 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # XTP312
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTP312 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button XTP312 Datasheet HTML 3Page - Renesas Technology Corp XTP312 Datasheet HTML 4Page - Renesas Technology Corp XTP312 Datasheet HTML 5Page - Renesas Technology Corp XTP312 Datasheet HTML 6Page - Renesas Technology Corp XTP312 Datasheet HTML 7Page - Renesas Technology Corp XTP312 Datasheet HTML 8Page - Renesas Technology Corp XTP312 Datasheet HTML 9Page - Renesas Technology Corp XTP312 Datasheet HTML 10Page - Renesas Technology Corp XTP312 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
XT Datasheet
Table 12. CML DC Electrical Characteristics
VDD = 1.8V, 2.5V, 3.3V ± 5%, TA = -40°C to +85°C.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VDD = 1.8V ± 5%.
1.61
1.76
1.91
V
VDD = 2.5V ± 5%.
2.33
2.46
2.59
VDD = 3.3V ± 5%.
3.09
3.26
3.43
VOL
Output Low Voltage
VDD = 1.8V ± 5%.
1.24
1.37
1.52
VDD = 2.5V ± 5%.
1.95
2.06
2.17
VDD = 3.3V ± 5%.
2.70
2.85
3.00
Table 13. DC Electrical Characteristics – Leakage Current
VDD = 1.8V, 2.5V, 3.3V ± 5%, TA = -40°C to +85°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Input
Minimum
Typical
Maximum
Units
IIH
Input Leakage High
VDD = 3.3V ±5%.
OE
-5
0.8
5
µA
SCLK
-5
1.4
5
SDATA
-5
1.4
5
IIL
Input Leakage Low
VDD = 3.3V ±5%.
OE
-20
-17.4
-14
µA
SCLK
-37
-33.5
-30
SDATA
-20
-17
-14
IIH
Input Leakage High
VDD = 1.8V ±5%.
OE
-5
0.8
5
µA
SCLK
-5
1.4
5
SDATA
-5
1.4
5
IIL
Input Leakage Low
VDD = 1.8V ±5%.
OE
-11.5
-9.5
-7.5
µA
SCLK
-20.8
-18.3
-15.7
SDATA
-11.5
-9.3
-7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com