Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD-6FS Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-6FS
Description  VERY NARROW BEAM IR EMITTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-6FS Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-6FS Datasheet HTML 1Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
VERYNARROWBEAMIREMITTERS
OD-6FS
FEATURES
• Hermetically sealed TO-46 package
• Very narrow beam angle
• Ideal for light curtains
All dimensions are nominal values in inches unless
otherwise specified.
Power Dissipation
Continuous Forward Current
Peak Forward Current (10 s, 400 Hz)
Reverse Voltage
Storage and Operating Temperature Range
Maximum Junction Temperature
Lead Soldering Temperature (1/16" from case for 10 sec)
190mW
100mA
2.5A
5V
-65
°C to 150°C
150°C
260°C
ABSOLUTE MAXIMUM RATINGS AT 25°C
Radiant Intensity le*
Peak Emission Wavelength, P
Spectral Bandwidth at 50%,
Half Intensity Beam Angle,
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Rise Time, TR
Fall Time, TF
IF = 100mA
IF = 20mA
IF = 100mA
IR = 10 A
120
880
80
3
1.6
30
0.5
0.5
60
5
4
1.9
mW/sr
nm
nm
Deg
Volts
Volts
sec
sec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
* As measured into a 5.6° cone angle
ANODE
(CASE)
.017
.100
CATHODE
.036
.041
45°
GLASS
DOME
1.00
MIN.
.030
.040
.197
.205
.015
.209
.220
.183
.185
.152
.154
RoHS


Similar Part No. - OD-6FS

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-610-60-040 OPTODIODE-OD-610-60-040 Datasheet
266Kb / 2P
60 DIE LED ARRAY
OD-610-99-070 OPTODIODE-OD-610-99-070 Datasheet
249Kb / 2P
99 DIE LED ARRAY
OD-610-99-110 OPTODIODE-OD-610-99-110 Datasheet
249Kb / 2P
99 DIE LED ARRAY
OD-620 OPTODIODE-OD-620 Datasheet
298Kb / 2P
HIGH OUTPUT RED LED
OD-620L OPTODIODE-OD-620L Datasheet
354Kb / 2P
HIGH OUTPUT RED LED
More results

Similar Description - OD-6FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OD-880L ETC2-OD-880L Datasheet
94Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
logo
OptoDiode Corp
OD-880W OPTODIODE-OD-880W Datasheet
397Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-880LJ OPTODIODE-OD-880LJ Datasheet
255Kb / 2P
HI-REL GaAlAs IR EMITTERS
OD-880FJ OPTODIODE-OD-880FJ Datasheet
257Kb / 2P
HI-REL GaAlAs IR EMITTERS
OD-870L OPTODIODE-OD-870L Datasheet
372Kb / 2P
HIGH-SPEED GaAlAs IR EMITTERS
OD-110LISOLHT OPTODIODE-OD-110LISOLHT Datasheet
242Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT Datasheet
287Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880LHT OPTODIODE-OD880LHT Datasheet
261Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880W OPTODIODE-OD880W Datasheet
261Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
logo
Ledil, Inc.
F16629 LEDIL-F16629 Datasheet
2Mb / 3P
Sublens for very narrow oval beam
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com