Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLL326 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # XLL326
Description  XL Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XLL326 Datasheet(HTML) 2 Page - Renesas Technology Corp

  XLL326 Datasheet HTML 1Page - Renesas Technology Corp XLL326 Datasheet HTML 2Page - Renesas Technology Corp XLL326 Datasheet HTML 3Page - Renesas Technology Corp XLL326 Datasheet HTML 4Page - Renesas Technology Corp XLL326 Datasheet HTML 5Page - Renesas Technology Corp XLL326 Datasheet HTML 6Page - Renesas Technology Corp XLL326 Datasheet HTML 7Page - Renesas Technology Corp XLL326 Datasheet HTML 8Page - Renesas Technology Corp XLL326 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
©2018-2022 Renesas Electronics Corporation
March 2, 2022
XL Datasheet
Pin Descriptions
Table 1. XO Pin Description
[a] Pulled high internally.
[b] Low = output disabled.
[c] Do not connect for LVCMOS. For XLVCMOS, both OUT and OUT2
are ON and in opposite phase.
See Ordering Information (XO) for more details.
Table 2. VCXO Pin Description
[a] Pulled high internally.
[b] Low = output disabled.
See Ordering Information (VCXO) for more details.
Number
Name
Description
1
E/D
NC
Enable/Disable [a][b]
No connect
2
NC
E/D
No connect
Enable/Disable [a][b]
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output [c]
6
VDD
Supply voltage
Number
Name
Description
1
Vc
Voltage control
2
E/D
Enable/Disable [a][b]
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output (NC LVCMOS)
6
VDD
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com