Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1733 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1733
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1733 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1733 Datasheet HTML 1Page - STMicroelectronics SD1733 Datasheet HTML 2Page - STMicroelectronics SD1733 Datasheet HTML 3Page - STMicroelectronics SD1733 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 30 MHz
VCE
= 50 V
75
—
—
W
GP*POUT
= 75 W PEP
VCE
= 50 V
14
—
—
dB
IMD*
POUT
= 75 W PEP
VCE
= 50 V
—
—
−30
dBc
ηc*
POUT
= 75 W PEP
VCE
= 50 V
37
—
—
%
COB
f
= 1 MHz
VCB
= 50 V
—
—
100
pF
Note:
* f1
= 30.00 MHz, f
2
= 30.001 MHz
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCES
IC
= 100mA
VBE
= 0V
110
—
—
V
BVCEO
IC
= 200mA
IB
= 0mA
55
—
—
V
BVEBO
IE
= 10mA
IC
= 0mA
4.0
—
—
V
hFE
VCE
= 6V
IC
= 1.4A
19
—
50
—
DYNAMIC
SD1733 (TH513)
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com