Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-RMN6TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95010-RMN6TP
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-RMN6TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95010-RMN6TP Datasheet HTML 20Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 21Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 22Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 23Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 24Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 25Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 26Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 27Page - STMicroelectronics M95010-RMN6TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
M95040, M95020, M95010
24/37
Table 16. DC Characteristics (M950x0-W, Device Grade 3)
Note: 1. Previous product: identified by Process Identification letter K.
2. Present product: identified by Process Identification letter W or G.
Table 17. DC Characteristics (M950x0-R)
Note: 1. Preliminary data: Product under development. Please contact your nearest ST sales office for information.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 2 MHz,
VCC = 2.5 V, Q = open, Previous Product
1
2mA
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open, Present Product
2
2mA
ICC1
Supply Current
(Standby Power mode)
S = VCC , VCC = 2.5 V, VIN = VSS or VCC
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output High Voltage
IOH = –0.4 mA, VCC = 2.5 V
0.8 VCC
V
Symbol
Parameter
Test Condition
Min.1
Max.1
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C= 0.1VCC/0.9. VCC at 1 MHz,
VCC = 1.8 V, Q = open
1mA
ICC1
Supply Current
(Standby Power mode)
S = VCC, VIN = VSS or VCC , VCC = 1.8 V
0.5
µA
VIL
Input Low Voltage
–0.45
0.25 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output High Voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com