Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRL1J-E-R Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # GRL1J-E-R
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

GRL1J-E-R Datasheet(HTML) 1 Page - VoltarisTech Inc

  GRL1J-E-R Datasheet HTML 1Page - VoltarisTech Inc GRL1J-E-R Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GRL1A-E-R THRU GRL1M-E-R
SURFACE MOUNT FAST
SWITCHING RECTIFIER
VOLTAGE: 50 to 1000V
CURRENT: 1.0A
FEATURE
SMF
Ideal for surface mount pick and place applications
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Fast recovery time for high efficiency
Halogen Free
MECHANICAL DATA
Terminal:Plated leads solderable per J-STD-002
Case:Molded with UL-94 class V-0 recognized Halogen Free
Epoxy
Polarity:color band denotes cathode
Marking:R1A~R1M
Dimensions in inches and (millimeters)
MAXIMUMRATINGSANDELECTRICALCHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
Symbol
GRL1
A-E-
R
GRL1
B-E-
R
GRL1
D-E-
R
GRL1
G-E-
R
GRL1
J-E-
R
GRL1
K-E-
R
GRL1
M-E-
R
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum
Average
Forward
Rectified
Current
3/8″lead length at TL=110℃
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated forward current
Vf
1.3
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage Ta =125℃
Ir
5.0
300
μA
Maximum Reverse Recovery Time
(Note1 )
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
9.0
pF
Typical Thermal Resistance
(Note 3)
Rth(jl)
Rth(ja)
Rth(jc)
21
62
22
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-50 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to terminal mounted on 3×3mm copper pad area
Rev.A2, 3-Aug-18
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - GRL1J-E-R

ManufacturerPart #DatasheetDescription
logo
VoltarisTech Inc
GRL1J-E-R VOLTARISTECH-GRL1J-E-R Datasheet
571Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
Rev.A1
More results

Similar Description - GRL1J-E-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com