Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC20L25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TCC20L25
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCC20L25 Datasheet(HTML) 1 Page - STMicroelectronics

  TCC20L25 Datasheet HTML 1Page - STMicroelectronics TCC20L25 Datasheet HTML 2Page - STMicroelectronics TCC20L25 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL PURPOSE LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.230 2LFL (M151)
hermetically sealed
.
2.0 GHz
.
20 VOLTS
.
CLASS A
.
OVERLAY GEOMETRY
.
GOLD METALLIZED DIE
.
COMMON EMITTER CONFIGURATION
.
POUT
= 2.5W MIN. WITH 6.0 dB GAIN
DESCRIPTION
The SD1855 is a silicon NPN planar transistor
designed for high gain linear performance at 2.0
GHz. This part uses gold metallized die and poly-
silicon site ballasting to achieve high reliability and
ruggedness. The SD1855 can be used for appli-
cations sucha as telecommunications, radar, ECM,
space and other commercial and military systems.
PIN CONNECTION
BRANDING
TCC20L25
ORDER CODE
SD1855
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCES
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
0.5
A
PDISS
Power Dissipation
20.6
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
8.5
°C/W
SD1855 (TCC20L25)
1. Collector
3. Emitter
2. Base
THERMAL DATA
November 1992
1/3


Similar Part No. - TCC20L25

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
TCC M SENNHEISER-TCC M Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M H-B SENNHEISER-TCC M H-B Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M H-W SENNHEISER-TCC M H-W Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M SFP-B SENNHEISER-TCC M SFP-B Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
TCC M SFP-W SENNHEISER-TCC M SFP-W Datasheet
1Mb / 9P
TeamConnect Ceiling Medium Ceiling microphone array
V.1.5
More results

Similar Description - TCC20L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC80185 STMICROELECTRONICS-MSC80185 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80186 STMICROELECTRONICS-MSC80186 Datasheet
109Kb / 6P
GENERAL PURPOSE LINEAR APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC80195 STMICROELECTRONICS-MSC80195 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80196 STMICROELECTRONICS-MSC80196 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80197 STMICROELECTRONICS-MSC80197 Datasheet
123Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC82040 STMICROELECTRONICS-MSC82040 Datasheet
136Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC82100 STMICROELECTRONICS-MSC82100 Datasheet
86Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS3011 ADPOW-MS3011 Datasheet
352Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80064 ADPOW-MSC80064 Datasheet
147Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com