Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2324 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB2324
Description  4 Port USB to RS232 Serial DB9 Adapter Hub
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2324 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB2324 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2324 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2324 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Warranty
Lifetime
Bus Type
USB 2.0
Chipset ID
FTDI - FT232RL
Industry Standards
RS232
Industry Standards
USB 1.1
Interface
Serial
Port Style
External Hub
Ports
4
FIFO
256 Bytes
Max Baud Rate
921.6 Kbps
Serial Protocol
RS-232
Connector Type(s)
1 - USB A (4 pin) Male
External Ports
4 - DB-9 (9 pin, D-Sub) Male
OS Compatibility
Windows® CE (4.2, 5.0, 6.0), XP Embedded, 98SE, 2000, XP, Vista, 7, 8, 8.1,
10
Windows Server® 2003, 2008 R2, 2012, 2012 R2, 2016
Mac OS® 10.6 to 10.12
Linux 2.4.x to 4.4.x LTS Versions only
System and Cable
Requirements
One free USB port
Power Consumption
1 ~ 1.5W
Humidity
5~95% RH
Operating Temperature
0°C to 55°C (32°F to 131°F)
Storage Temperature
-20 to 85°C (-4 to 185°F)
Cable Length
1.8 m [6 ft]
Enclosure Type
Plastic
Product Height
26 mm [1 in]
Product Length
150 mm [5.9 in]
Product Weight
110 g [3.9 oz]
Product Width
66.5 mm [2.6 in]
Shipping (Package) Weight
0.4 kg [0.8 lb]
Included in Package
1 - 4 Port Serial Hub
Included in Package
1 - USB Cable
Included in Package
1 - Driver CD
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com