Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2324I Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB2324I
Description  4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2324I Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB2324I Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2324I Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2324I Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2324I Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Software
OS Compatibility
Windows CE (4.2, 5.0, 6.0), XP Embedded, 98SE, 2000, XP, Vista, 7,
8, 8.1, 10
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019
macOS 10.6 to 10.15, 11.0
Linux 2.4.x to 4.11.x <i>LTS Versions only</i>
Indicators
LED Indicators
Each, Tx/Rx Activity indicators
Power
Power Source
USB-Powered
Input Voltage
5V DC
Plug Type
M
Environmental
Operating Temperature
0C to 55C (32F to 131F)
Storage Temperature
-20C to 85C (-4F to 185F)
Humidity
5~95% RH
Physical
Characteristics
Color
Black
Material
Steel
Product Length
7.0 in [17.8 cm]
Product Width
2.3 in [59 mm]
Product Height
0.9 in [23.2 mm]
Weight of Product
10.6 oz [300 g]
Packaging
Information
Package Length
6.0 in [15.2 cm]
Package Width
8.5 in [21.6 cm]
Package Height
2.0 in [50 mm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com