Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J4858CST Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # J4858CST
Description  HP J4858C Compatible SFP Transceiver Module -1000BASE-SX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

J4858CST Datasheet(HTML) 1 Page - StarTech.com Ltd.

  J4858CST Datasheet HTML 1Page - StarTech.com Ltd. J4858CST Datasheet HTML 2Page - StarTech.com Ltd. J4858CST Datasheet HTML 3Page - StarTech.com Ltd. J4858CST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HP J4858C Compatible SFP Transceiver Module -
1000BASE-SX
Product ID: J4858CST
The J4858CST is an HP J4858C compatible fiber transceiver module that has been designed, programmed
and tested to work with HP® brand switches and routers. It delivers dependable 1 GbE connectivity over
fiber cable, for 1000BASE-SX compliant networks, with a maximum distance of up to 550 m (1804 ft).
Technical Specifications:
•
Wavelength: 850 nm
•
Maximum Data Transfer Rate: 1.25 Gbps
•
Type: Multi Mode Fiber
•
Connection Type: LC Connector
•
Maximum Transfer Distance: 550 m (1804 ft)
•
MTBF: 3,381,761 hours
•
Power Consumption: Less than 1.3 Watts
•
Digital Diagnostics Monitoring (DDM): Yes
This SFP fiber module is hot-swappable, making upgrades and replacements seamless by minimizing
network disruptions.
www.startech.com/uk
0800 169 0408


Similar Part No. - J4858CST

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
J4858C-C ATGBICS-J4858C-C Datasheet
292Kb / 8P
J4858C HPE Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - J4858CST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N286-01GSX-MLC TRIPPLITE-N286-01GSX-MLC Datasheet
163Kb / 3P
HP J4858C Compatible 1000Base-SX LC SFP Transceiver, DDM, MMF, 850 nm, 550 m
logo
ATGBICS by Approved Tec...
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
J4858C-C ATGBICS-J4858C-C Datasheet
292Kb / 8P
J4858C HPE Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
JW088A-C ATGBICS-JW088A-C Datasheet
293Kb / 8P
JW088A HP Aruba Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-AU-C ATGBICS-SFP-SX-AU-C Datasheet
293Kb / 8P
SFP-SX-AU HP Aruba Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
WLC-SFP-SX-C ATGBICS-WLC-SFP-SX-C Datasheet
293Kb / 8P
WLC-SFP-SX Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com