Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1893-03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1893-03
Description  RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1893-03 Datasheet(HTML) 4 Page - STMicroelectronics

  1893-03 Datasheet HTML 1Page - STMicroelectronics 1893-03 Datasheet HTML 2Page - STMicroelectronics 1893-03 Datasheet HTML 3Page - STMicroelectronics 1893-03 Datasheet HTML 4Page - STMicroelectronics 1893-03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT
C1, C2 : .4 - 2.5pF Johanson Capacitor #27283
C3
: 100pF Chip Capacitor ATC 100 A101KCA 150
C4
: 15,000pF EMI Filter Murata/Erie 9900-381-6004
L1, L2 : 4 Turn, Choke #28 AWG .080” I.D.
Board
Material:
Epsilam 10, Er
= 10.2, H = .050”
1 Oz. Cu. SMA Launcher CDI (2 poeces)
.230” Fixture Housing Heatsink, Advanced Corp. 5308-2CC
SD1893-03
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com