Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1194000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1194000000
Description  KTB MH 484815 S4E1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1194000000 Datasheet(HTML) 4 Page - Weidmuller

  1194000000 Datasheet HTML 1Page - Weidmuller 1194000000 Datasheet HTML 2Page - Weidmuller 1194000000 Datasheet HTML 3Page - Weidmuller 1194000000 Datasheet HTML 4Page - Weidmuller 1194000000 Datasheet HTML 5Page - Weidmuller 1194000000 Datasheet HTML 6Page - Weidmuller 1194000000 Datasheet HTML 7Page - Weidmuller 1194000000 Datasheet HTML 8Page - Weidmuller 1194000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data sheet
KTB MH 484815 S4E1
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Opening angle lid
130.00 °
Overall dimensions
491 x 531 x 165
Flange plate
Yes
Max. payload
92 kg
Lid
Yes
Access opening: height
427 mm
Position PE bolts
Enclosure side C
Areas of use
Explosive risk zone,
Process industry, Oil and
gas industry, Chemical
industry, Offshore,
Onshore
 
Housing earth
 
Earth, enclosure, cover
Welded-on M6 stainless-
steel earth stud in
enclosure body and lid.
Earth, enclosure, external
Continuous M10 earth
stud in body enclosure
Earth, enclosure, internal
Welded-on M6 stainless-
steel earth stud in
enclosure body and lid.
 
horizontal assembly
 
WDU 10 / ZDU 10
3x37
WDU 16 / ZDU 16
2x31
WDU 2,5 / ZDU 2,5 / IDU 2,5
4x74
WDU 35 / ZDU 35
2x23
WDU 4 / ZDU 4
3x62
WDU 6 / ZDU 6
3x46
 
vertical assembly
 
WDU 10 / ZDU 10
2x38
WDU 16 / ZDU 16
2x31
WDU 2,5 / ZDU 2,5 / IDU 2,5
4x75
WDU 35 / ZDU 35
1x23
WDU 4 / ZDU 4
3x62
WDU 6 / ZDU 6
3x47
 
Classifications
 
ETIM 8.0
EC002503
ETIM 9.0
EC002503
ETIM 10.0
EC002503
ECLASS 14.0
27-18-05-02
ECLASS 15.0
27-18-05-02
 
 
Creation date 23.02.2026 12:55:00 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com