Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HCT240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT240
Description  High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT240 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT240 Datasheet HTML 1Page - Texas Instruments CD74HCT240 Datasheet HTML 2Page - Texas Instruments CD74HCT240 Datasheet HTML 3Page - Texas Instruments CD74HCT240 Datasheet HTML 4Page - Texas Instruments CD74HCT240 Datasheet HTML 5Page - Texas Instruments CD74HCT240 Datasheet HTML 6Page - Texas Instruments CD74HCT240 Datasheet HTML 7Page - Texas Instruments CD74HCT240 Datasheet HTML 8Page - Texas Instruments CD74HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS167E
Features
• HC/HCT240 Inverting
• HC/HCT241 Non-Inverting
• HC/HCT244 Non-Inverting
• Typical Propagation Delay = 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC for HC240
• Three-State Outputs
• Buffered Inputs
• High-Current Bus Driver Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC240 and ’HCT240 are inverting three-state buffers
having two active-low output enables. The CD74HC241,
’HCT241, ’HC244 and ’HCT244 are non-inverting three-
state buffers that differ only in that the 241 has one active-
high and one active-low output enable, and the 244 has two
active-low output enables. All three types have identical
pinouts.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC240F3A
-55 to 125
20 Ld CERDIP
CD54HC244F3A
-55 to 125
20 Ld CERDIP
CD54HCT240F3A
-55 to 125
20 Ld CERDIP
CD54HCT241F3A
-55 to 125
20 Ld CERDIP
CD54HCT244F3A
-55 to 125
20 Ld CERDIP
CD74HC240E
-55 to 125
20 Ld PDIP
CD74HC240M
-55 to 125
20 Ld SOIC
CD74HC240M96
-55 to 125
20 Ld SOIC
CD74HC241E
-55 to 125
20 Ld PDIP
CD74HC241M
-55 to 125
20 Ld SOIC
CD74HC241M96
-55 to 125
20 Ld SOIC
CD74HC244E
-55 to 125
20 Ld PDIP
CD74HC244M
-55 to 125
20 Ld SOIC
CD74HC244M96
-55 to 125
20 Ld SOIC
CD74HCT240E
-55 to 125
20 Ld PDIP
CD74HCT240M
-55 to 125
20 Ld SOIC
CD74HCT240M96
-55 to 125
20 Ld SOIC
CD74HCT240PW
-55 to 125
20 Ld TSSOP
CD74HCT240PWR
-55 to 125
20 Ld TSSOP
CD74HCT240PWT
-55 to 125
20 Ld TSSOP
CD74HCT241E
-55 to 125
20 Ld PDIP
CD74HCT241M
-55 to 125
20 Ld SOIC
CD74HCT241M96
-55 to 125
20 Ld SOIC
CD74HCT244E
-55 to 125
20 Ld PDIP
CD74HCT244M
-55 to 125
20 Ld SOIC
CD74HCT244M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
November 1997 - Revised October 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC240, CD54/74HCT240,
CD74HC241, CD54/74HCT241,
CD54/74HC244, CD54/74HCT244
High-Speed CMOS Logic
Octal Buffer/Line Drivers, Three-State
[ /Title
(CD74
HC240
,
CD74
HCT24
0,
CD74
HC241
,
CD74
HCT24
1,
CD74
HC244
,
CD74


Similar Part No. - CD74HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT240 TI-CD74HCT240 Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HCT240 TI-CD74HCT240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HCT240 TI-CD74HCT240 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HCT240E TI-CD74HCT240E Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HCT240E TI-CD74HCT240E Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results

Similar Description - CD74HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC240 TI-CD74HC240 Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HCT541 TI-CD54HCT541 Datasheet
319Kb / 16P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC540 TI-CD54HC540 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC540 TI-CD54HC540_08 Datasheet
497Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com