Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40107BM1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF40107BM1
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40107BM1 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF40107BM1 Datasheet HTML 1Page - STMicroelectronics HCF40107BM1 Datasheet HTML 2Page - STMicroelectronics HCF40107BM1 Datasheet HTML 3Page - STMicroelectronics HCF40107BM1 Datasheet HTML 4Page - STMicroelectronics HCF40107BM1 Datasheet HTML 5Page - STMicroelectronics HCF40107BM1 Datasheet HTML 6Page - STMicroelectronics HCF40107BM1 Datasheet HTML 7Page - STMicroelectronics HCF40107BM1 Datasheet HTML 8Page - STMicroelectronics HCF40107BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HCF40107B
4/11
DC SPECIFICATIONS
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
** Measured with external pull-up resistor, RL = 10kΩ to VDD.
*** Forced output disabled.
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) RL is external pull-up resistor to VDD.
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Current
0/5
5
0.02
5
150
30
µA
0/10
10
0.02
10
300
60
0/15
15
0.02
20
600
120
0/20
20
0.04
100
3000
600
VIH**
High Level Input
Voltage
0.5/4.5
<1
5
3.5
3.5
3.5
V
1/9
<1
10
7
7
7
1.5/13.5
<1
15
11
11
11
VIL**
Low Level Input
Voltage
4.5/0.5
<1
5
1.5
1.5
1.5
V
9/1
<1
10
3
3
3
13.5/1.5
<1
15
4
4
4
IOL
Output Sink
Current
5
0.4
5
21
32
16
12
mA
51
5
44
68
30
25
10
0.5
10
49
74
37
28
10
1
10
89
136
68
51
15
0.5
15
66
100
50
38
IOH
Output Drive
Current
No Internal Pull-up Device
mA
IIH, IIL
Input Leakage
Current
0/18
Any Input
18
±10-5 ±0.1
±0.1
±1
µA
IOH, IOL
***
3-State Output
Leakage Current
0/18
18
18
±10-4
22
20
µA
CI
Input Capacitance
Any Input
5
7.5
pF
CO
Output
Capacitance
Any Output
30
pF
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPHL tPLH Propagation Delay Time
High to Low
5
RL* = 120Ω
100
200
ns
10
45
90
15
30
60
Low to High
5
RL* = 120Ω
100
200
ns
10
60
120
15
50
100
tTHL tTLH Transition Time
High to Low
5
RL* = 120Ω
50
100
ns
10
20
40
15
10
20
Low to High
5
RL* = 120Ω
50
100
ns
10
35
70
15
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com