Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X00602MA5AL2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # X00602MA5AL2
Description  0.8 A sensitive gate SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00602MA5AL2 Datasheet(HTML) 8 Page - STMicroelectronics

  X00602MA5AL2 Datasheet HTML 1Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 2Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 3Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 4Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 5Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 6Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 7Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 8Page - STMicroelectronics X00602MA5AL2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
X006
8/9
Figure 17.
SOT-223 footprint (dimensions in mm)t
4
Ordering information
5
Revision history
3.25
1.32
7.80
5.16
1.32
2.30
0.95
Table 6.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
X00602MA 1AA2
X0602 MA
TO-92
0.2 g
2500
Bulk
X00602MA 2AL2
2000
Ammopack
X00602MA 5AL2
2000
Tape and reel
X00602MN5BA4
X06 2M
SOT-223
0.12 g
1000
Table 7.
Document revision history
Date
Revision
Changes
Jan-2002
3
Last update.
08-Aug-2006
4
SOT-223 package added.
1-Apr-2008
5
Reformatted to current standards. Device X00605 removed.
Updated dimensions in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com