Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1898 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1898
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1898 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1898 Datasheet HTML 1Page - STMicroelectronics SD1898 Datasheet HTML 2Page - STMicroelectronics SD1898 Datasheet HTML 3Page - STMicroelectronics SD1898 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1, C2 : .4 - 2.5pF Johanson Capacitor
C3
: 15,000pF EMI Filter
C4
: 1000pF Chip Capacitor
L1, L2 : 5 Turns Choke Diameter Wire .025” I.D. .125”
Substrate: Er
= 10.2, Height .050”, 1 Oz. Copper
All Dimensions in Inches.
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
1550 MHz
6.6 + j 15.0
5.6
− j2.5
1600 MHz
8.3 + j 14.5
4.7
− j1.9
1650 MHz
12.0 + j 12.0
4.1
− j1.4
SD1898
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com