Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT32 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT32
Doc. No. MD-5001 Rev. AD
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Reel Quantity
Package Marking Code
CAT32TDI-T3
TSOT23-6
3000
LL
CAT32ZD4-GT3
TDFN-8
3000
CCKV
CAT32TDI-GT3
TSOT23-6
3000
VF
PIN CONFIGURATION
TSOT-23 6-Lead
Top View
1mm maximum height
θJA = 250ºC/W [free air]
TDFN 3 x 3mm
Power
GROUND
VIN
SHDN
RSET
SW
NC
LED
GND
1
2
3
4
8
7
6
5
0.8mm maximum height
(Top View)
PIN DESCRIPTION
Pin Number
SOT23
Pin Number
TDFN
Name
Function
1
8
SW
Switch pin. This is the drain of the internal power switch. For
minimum EMI, minimize the trace area connected to this pin.
2
5
GND
Ground pin. Connect pin 2 to ground.
3
6
LED
LED (cathode) connection pin.
4
4
RSET
RESET pin. A resistor connected from pin 4 to ground sets the
LED current. This pin is also used to dim the LEDs.
5
3
SHDN
¯¯¯¯¯ Shutdown pin.
6
2
VIN
Input supply pin. This pin should be bypassed with a capacitor to
ground. A 4.7µF capacitor mounted close to the pin is
recommended.
—
1
Power
Ground
Power Ground
SHDN
5
VIN
LED
2
3
1
RSET
6
4
SW
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com