Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RL.MDCL.M-5/TR Datasheet(PDF) 6 Page - YAGEO Corporation

Part # 2RL.MDCL.M-5/TR
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RL.MDCL.M-5/TR Datasheet(HTML) 6 Page - YAGEO Corporation

  2RL.MDCL.M-5/TR Datasheet HTML 1Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 2Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 3Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 4Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 5Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 6Page - YAGEO Corporation 2RL.MDCL.M-5/TR Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
7
Product Specification
2R-5 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Mar. 16, 2021 V.1
Packaging
Axial Packing (Box)
Skin packing
Symbol
Dimension (mm)
Spec.
Tolerance
A
265.0
±5.0
B
146.0
±5.0
H
6.8
±0.5
Quantity: 100pcs
Inner box
A0
270.0
±2.0
B0
150.0
±2.0
H0
50.0
±2.0
Quantity: 500pcs
Axial Packing (Tape & Reel)
Tape
Symbol
Dimension (mm)
Spec.
Tolerance
P
10.0
±0.5
W
65.0
±1.0
E
6.0
±0.5
F
26.5
±0.5
d
0.8
±0.1
Reel
A1
330.0
±2.0
B1
70.0
±2.0
C1
82.0
±2.0
D
25.0
±0.5
t
2.0
±0.2
Quantity: 1000pcs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com