Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RMDCL-8T6/B Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 2RMDCL-8T6/B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RMDCL-8T6/B Datasheet(HTML) 3 Page - YAGEO Corporation

  2RMDCL-8T6/B Datasheet HTML 1Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 2Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 3Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 4Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 5Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
6
Product Specification
2R-8x6(T6) series
GAS DISCHARGE TUBS
Circuit Protection
Marking
: BrightKing Logo
2RM1000-8 : Device Marking Code
XXXX
: Internal Control Code
Dimensions
L Type
L
T
d
D
D
Symbol
Dimension (mm)
Spec.
Tolerance
D
8.0
+0.3, -0.5
T
6.0
+0.3, -0.5
d
0.8
±0.1
L
30.0
Max.
M Type
1.5
6.0
Recommended Pad Size
B
D
T
D
8.0
+0.3, -0.5
T
6.0
+0.3, -0.5
B
0.5
±0.1
Electrical Characteristics
Part
Number
☆
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Nominal
Impulse
Discharge
Current
Alternating
Discharge
Current
Impulse
Life
Minimum
Insulation
Resistance
Maximum
Capacitance
AC
Withstanding
Voltage
Device
Marking
Code
100V/s
1000V/μs
8/20μs
10times
50Hz,1sec
8/2
0μs
100A
Test
Voltage
(GΩ)
1MHz
(V)
(V)
(KA)
(A)
(times)
DC(V)
(pF)
2RM1000X-8-T6
1000±20%
1900
10.0
5.0
300
500
1.0
1.5
-
2RM1000-8
2RM1200X-8-T6
1200±20%
2000
10.0
5.0
300
500
1.0
1.5
-
2RM1200-8
2RM1400X-8-T6
1400±20%
2200
10.0
5.0
300
500
1.0
1.5
-
2RM1400-8
2RM1500X-8-T6
1500±20%
2300
10.0
5.0
300
500
1.0
1.5
-
2RM1500-8
2RM1600X-8-T6
1600±20%
2400
10.0
5.0
300
500
1.0
1.5
-
2RM1600-8
2RL2000X-8-T6
2000±20%
3200
5.0
5.0
300
500
1.0
1.5
-
2RL2000-8
2RL2500X-8-T6
2500±20%
3800
5.0
5.0
300
500
1.0
1.5
AC1250V,1min
2RL2500-8
2RL2700X-8-T6
2700±20%
4000
5.0
5.0
300
1000
1.0
1.5
AC1250V,1min
2RL2700-8
2RL3000X-8-T6
3000±20%
4200
5.0
5.0
300
1000
1.0
1.5
AC1500V,1min
2RL3000-8
Note: X may be L(Lead type) or M(SMD type)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com