Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RMDCL-8-TR Datasheet(PDF) 7 Page - YAGEO Corporation

Part # 2RMDCL-8-TR
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RMDCL-8-TR Datasheet(HTML) 7 Page - YAGEO Corporation

  2RMDCL-8-TR Datasheet HTML 1Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 2Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 3Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 4Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 5Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 6Page - YAGEO Corporation 2RMDCL-8-TR Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Product Specification
2R-8x6 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Feb. 02, 2021 V.1
SMD Packing (Tape & Reel)
Tape
Symbol
Dimension (mm)
Spec.
Tolerance
W
16.00
±0.20
P0
4.00
±0.10
P1
12.00
±0.20
P2
2.00
±0.10
D0
1.55
±0.05
E
1.75
±0.10
F
7.50
±0.10
A0
8.20
±0.10
K0
8.50
±0.10
B0
7.50
±0.10
t0
0.50
±0.10
Reel
d
D
L
t
D
330.00
±2.00
d
13.00
±0.50
L
20.00
±2.00
t
2.00
±0.20
Quantity: 500pcs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com