Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT706 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT706
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT706 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT706 Datasheet HTML 1Page - Catalyst Semiconductor CAT706 Datasheet HTML 2Page - Catalyst Semiconductor CAT706 Datasheet HTML 3Page - Catalyst Semiconductor CAT706 Datasheet HTML 4Page - Catalyst Semiconductor CAT706 Datasheet HTML 5Page - Catalyst Semiconductor CAT706 Datasheet HTML 6Page - Catalyst Semiconductor CAT706 Datasheet HTML 7Page - Catalyst Semiconductor CAT706 Datasheet HTML 8Page - Catalyst Semiconductor CAT706 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT705, CAT706, CAT813
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3030, Rev. A
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (continued)
VCC = 4.50V to 5.5V for CAT705, CAT706 & CAT813 versions;
VCC = 3.0V to 3.6V for the CAT706 R/S/T version,
-40°C ≤ TA ≤ +85°C unless otherwise noted.
Typical values at TA = 25°C and VCC = 5V for CAT705, CAT706, & CAT813 versions;
VCC = 3.3V for the CAT706 T/S versions; VCC = 3.0V for the CAT706 R version.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WATCHDOG INPUT (CAT705, CAT706 & CAT813)
tWD
Watchdog Timeout Period
1.00
1.60
2.25
s
tWDI
WDI Pulse Width
VIL = 0.4V, VIH = 0.8 x VCC
50
ns
VIL
0.3 x VCC
VIH
WDI Input Voltage
(3)
0.7 x VCC
V
WDI = VCC, Time Average
50
150
WDI Input Current
(4)
WDI = 0V, Time Average
-150
-50
µA
ISOURCE = -800µA
VCC – 1.5
VCC – 0.25
WDO Output Voltage
ISINK = 1.2mA
0.1
0.4
V
MANUAL RESET INPUT(CAT705, CAT706 & CAT813)
VIL
0.3 x VCC
VIH
MR
¯¯¯ Input Voltage
0.7 x VCC
V
MR
¯¯¯ Pull-up Current
MR
¯¯¯ = 0V
40
70
140
µA
tPB
MR
¯¯¯ Pulse Width
1
µs
tPDLY
MR
¯¯¯ low to Reset Delay(5)
5
µs
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
ISOURCE = -800µA
VCC - 1.5V
V
PFO
¯¯¯¯ Output Voltage
ISINK = 3.2mA
0.4
V
Notes:
(3) WDI is internally serviced within the watchdog period if WDI is left open.
(4) The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to a
three-stated output device can be disabled in the tristate mode as long as the leakage current is less than 10µA and a maximum
capacitance of less than 200pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200µA
when active.
(5) RESET
¯¯¯¯¯¯ for CAT705 & CAT706 & RESET for CAT813.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com