Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003-07-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2003-07-SM-RPLF
Description  2003 Series Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2003-07-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2003-07-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2003-07-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2003-07-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific disclaimers as set forth on the last page of this document, and at www.bourns.com/legal/disclaimer.pdf.
2003 Series Gas Discharge Tube Surge Protector
Product Dimensions
How to Order
2003 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging
RP = Reelpack
RoHS Compliancy
LF = RoHS Compliant Product
Recommended Pad Layout
DIMENSIONS: MILLIMETERS
REV. A 10/17
3.5 ± 0.2
3.5 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.1 ± 0.2
0.5
2.8 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.5
1.2
4.0
3.5 ± 0.2
3.5 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.1 ± 0.2
0.5
2.8 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.5
1.2
4.0
DIMENSIONS: MILLIMETERS
Typical Part Marking
2003-07-SM-RPLF ................................................................. B07
2003-09-SM-RPLF ................................................................. B09
2003-12-SM-RPLF ................................................................. B12
2003-15-SM-RPLF ................................................................. B15
2003-20-SM-RPLF ................................................................. B20
2003-23-SM-RPLF ................................................................. B23
2003-25-SM-RPLF ................................................................. B25
2003-35-SM-RPLF ................................................................. B35
2003-40-SM-RPLF ................................................................. B40
2003-47-SM-RPLF ................................................................. B47
3.5 ± 0.2
3.5 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.1 ± 0.2
0.5
2.8 ± 0.2
2.8 ± 0.2
2.8 ± 0.2
2.5
1.2
4.0
Packaging Specifications
The Model 2003-xx-SM ships standard reelpack (-RP), 2,500 pieces per reel,
7,500 pieces per box. Reel is 330 mm in diameter and 12 mm wide.
DIMENSIONS: MILLIMETERS
1.5 +0.1/-0
DIA.
4.0 ± 0.1
2.0 ± 0.1
0.4 ± 0.1
8.0 ± 0.1
12.0 ± 0.3
1.75 ± 0.1
5.5 ± 0.1
3.9 ± 0.1
3.2 ± 0.1
3.2 ± 0.1
330 ± 4.0
DIA.
1.5
MIN.
100
TYP.
1.5 +0.1/-0
DIA.
4.0 ± 0.1
2.0 ± 0.1
0.4 ± 0.1
8.0 ± 0.1
12.0 ± 0.3
1.75 ± 0.1
5.5 ± 0.1
3.9 ± 0.1
3.2 ± 0.1
3.2 ± 0.1
330 ± 4.0
DIA.
1.5
MIN.
100
TYP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com