Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003-20-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2003-20-SM-RPLF
Description  2003 Series Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2003-20-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2003-20-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2003-20-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2003-20-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Leadless, surface mount for economical assembly
n
Compact mini-size
n
Low capacitance and insertion loss
n
RoHS compliant*
n
UL Recognized
Characteristics
2003 Series Gas Discharge Tube Surge Protector
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific disclaimers as set forth on the last page of this document, and at www.bourns.com/legal/disclaimer.pdf.
Test Methods per ITU-T (CCITT) K.12 and IEEE C62.31
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Maximum Impulse Discharge Current ............. 8/20 µs, 1 Time .................................................2000 A
8/20 µs, 10 Times .............................................1000 A
Impulse Life ..................................................... 8/20 µs, 100 A...................................................300 operations
Alternating Discharge Current ......................... 50 Hz, 1 Sec. ....................................................1 A
DC Holdover Voltage....................................... <150 ms............................................................135 V
Minimum Insulation Resistance..................................................................................................1 gigaohm
Maximum Capacitance.................................... 1 MHz ...............................................................0.5 pF
Operating Temperature...............................................................................................................-40 °C to +90 °C
Moisture Sensitivity Level...........................................................................................................1
ESD Classification (HBM)...........................................................................................................6
Notes:
• UL Recognized component, UL File E153537.
Characteristic
Model No.
2003-07
2003-09
2003-12
2003-15
2003-20
DC Sparkover ± 20 % @ 100 V/s
75 V
90 V
120 V
150 V
200 V
Maximum Impulse Breakdown Voltage
100V/μs
1000V/μs
600 V
700 V
600 V
700 V
600 V
700 V
600 V
700 V
600 V
700 V
DC Holdover Voltage
<150 ms
52 V
52 V
80 V
80 V
135 V
Bourns offers a low-cost surface mount (SM) 2-electrode GDT surge protection device. The 2003 Series is ideal for broadband
protection due to its ultra-low capacitance. The 2003 Series offers superior protection characteristics suitable for telecommunications,
commercial and industrial applications.
Characteristic
Model No.
2003-23
2003-25
2003-35
2003-40
2003-47
DC Sparkover ± 20 % @ 100 V/s
230 V
250 V
350 V
400 V
470 V
Maximum Impulse Breakdown Voltage
100V/μs
1000V/μs
600 V
700 V
600 V
700 V
600 V
800 V
700 V
800 V
900 V
1100 V
DC Holdover Voltage
<150 ms
135 V
135 V
135 V
135 V
135 V
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - 2003-20-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2003-20 BOURNS-2003-20 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
More results

Similar Description - 2003-20-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
Precision Gas Discharge Tube Surge Protector
2051-35-SM-RPLF BOURNS-2051-35-SM-RPLF Datasheet
250Kb / 2P
2051 Series Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com