Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0245-R Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0245-R
Description  standard LED Current Meter 50A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0245-R Datasheet(HTML) 1 Page - DFROBOT

  DFR0245-R Datasheet HTML 1Page - DFROBOT DFR0245-R Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
This is a standard LED Current Meter 50A. The biggest feature is that the LED
Current Meter have reversed connection protection to prevent from being
burnted out. It measures 0-50A with 2% error. Best suitable for current display
in the circuit. Just apply four wires without any extra circuit or components,
you will get the readings displayed straight away. Easy to use, and good
company with robot applications. It has two color LED display to select,
green/red.
Warnings: Please carefully follow the instructions for wiring. The power
supply terminal and measurement terminal of this Current Meter are using the
same common-ground connect. So, the measurement terminal of current
meter must be cascaded after load. The measurement terminal must be link
to the ground side, Do NOT link it to positive side, it will damage the meter
permently.
Connection Diagram
APPLICATIONS
•
Various circuits
SPECIFICATION
•
Measure Current: 0-50A DC
•
Power supply voltage: 4-30V DC


Similar Part No. - DFR0245-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFR0205 ETC-DFR0205 Datasheet
252Kb / 9P
5A 350KHz 25V Buck DC to DC Converter
logo
DFROBOT
DFR0205 DFROBOT-DFR0205 Datasheet
279Kb / 2P
Power Module (SKU:DFR0205)
DFR0209 DFROBOT-DFR0209 Datasheet
191Kb / 6P
6 Dof Shield (DFR0209)
DFR0210 DFROBOT-DFR0210 Datasheet
514Kb / 12P
Bees Shield SKU:DFR0210
DFR0216 DFROBOT-DFR0216 Datasheet
64Kb / 2P
DFRduino UNO R3 - Arduino Compatible
More results

Similar Description - DFR0245-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40P WTE-GBPC40P Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
RCD COMPONENTS INC.
SHM50500CW RCD-SHM50500CW Datasheet
108Kb / 1P
DC Meter Shunts 50A to 15000A
logo
Frontier Electronics.
BP50-005L FRONTIER-BP50-005L Datasheet
123Kb / 2P
50A HIGH CURRENT BRIDGE RECTIFIERS
logo
Taoglas antenna solutio...
MB.250.B TAOGLAS-MB.250.B Datasheet
1Mb / 15P
Standard CFD200 2 meter cable length
logo
New Jersey Semi-Conduct...
BTW67 NJSEMI-BTW67 Datasheet
293Kb / 4P
STANDARD 50A SCRs
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4647-X764 VACUUMSCHMELZE-T60404-N4647-X764 Datasheet
148Kb / 3P
50A Current Sensor
T60404-N4647-X664 VACUUMSCHMELZE-T60404-N4647-X664 Datasheet
155Kb / 3P
50A Current Sensor
T60404-N4647-X460 VACUUMSCHMELZE-T60404-N4647-X460 Datasheet
176Kb / 3P
50A Current Sensor
T60404-N4647-X161 VACUUMSCHMELZE-T60404-N4647-X161 Datasheet
231Kb / 3P
50A Current Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com