Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0627 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0627
Description  Gravity: IIC to dual UART module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0627 Datasheet(HTML) 1 Page - DFROBOT

  DFR0627 Datasheet HTML 1Page - DFROBOT DFR0627 Datasheet HTML 2Page - DFROBOT DFR0627 Datasheet HTML 3Page - DFROBOT DFR0627 Datasheet HTML 4Page - DFROBOT DFR0627 Datasheet HTML 5Page - DFROBOT DFR0627 Datasheet HTML 6Page - DFROBOT DFR0627 Datasheet HTML 7Page - DFROBOT DFR0627 Datasheet HTML 8Page - DFROBOT DFR0627 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2023/10/12 10:51
Gravity: IIC to dual UART module Wiki - DFRobot
https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627
1/16
(https://www.dfrobot.com/product-2001.html)
Introduction
This IIC to Dual UART module offers data transmission rate up to 1Mbps, and each sub UART has independent 256-byte FIFO hardware
buffer for transmitting and receiving. The baud rate, word length, and check format of every sub UART can be set independently. The
module can provide 2Mbps maximum communication rate. At most four such modules can be connected onto one controller board to
expand 8 hardware serial ports. This IIC to dual UART module can be extremely suitable for IoT module, Ultrasonic ranging module and GPS
module.
There are usually only 1 or 2 UARTs on Controller boards like Arduino, Raspberry Pi, micro:bit, etc. And one of them must be used in program
downloading or debugging. When your application needs to connect several UART devices, you may find that there are not enough UARTs
on main-board for connecting. Thus, this module could be a perfect solution for the above situation, or you can use this product in IR
receiver module and WS2818 RGB relevant projects with strict timing requirements.
Specification
Operating Voltage: 3.3V-5V


Similar Part No. - DFR0627

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0620 DFROBOT-DFR0620 Datasheet
994Kb / 18P
ESP-EYE Development Board
12-5-19
DFR0625 DFROBOT-DFR0625 Datasheet
826Kb / 3P
ESP32-PICO-KIT Development Board
12-5-19
More results

Similar Description - DFR0627

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
DUAL UART
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
UART MODULE
logo
List of Unclassifed Man...
SA24C1024 ETC-SA24C1024 Datasheet
680Kb / 27P
1024Kb EEPROM IIC
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
DUAL UART
logo
Future Technology Devic...
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
Dual UART
logo
Future Technology Devic...
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
UMFT231XE USB to Full-Handshake UART Development Module
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
logo
Future Technology Devic...
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
UMFT230XA USB to Basic UART Development Module
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
Dual Independent UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com