Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0645-R Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0645-R
Description  Gravity: 4-Digital LED Segment Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0645-R Datasheet(HTML) 1 Page - DFROBOT

  DFR0645-R Datasheet HTML 1Page - DFROBOT DFR0645-R Datasheet HTML 2Page - DFROBOT DFR0645-R Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Gravity: 4-Digital LED Segment Display
Module (Red)
SKU:DFR0645-R
FEATURES
Display Mode: 8 segment×4 digit
Support 8-level brightness adjustment
IIC communication
SPECIFICATION
Operating Voltage: DC 5V
Operating Current: <55mA
Operating Temperature: -40 ºC ~ +85 ºC
Storage Temperature: -55 ºC ~ +125 ºC
Digital Tube Size: 5.05× 1.9cm/2.0×0.75”
PCB Size: 6.7×2.2 cm/2.64×0.87”


Similar Part No. - DFR0645-R

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0646-G DFROBOT-DFR0646-G Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0646-R DFROBOT-DFR0646-R Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0647 DFROBOT-DFR0647 Datasheet
2Mb / 19P
Monochrome OLED Display
2023/10/12
DFR0648 DFROBOT-DFR0648 Datasheet
226Kb / 2P
module adopts a high-contrast, low-power OLED display.
DFR0649 DFROBOT-DFR0649 Datasheet
1Mb / 28P
SKU:DFR0649
More results

Similar Description - DFR0645-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
logo
BetLux Electronics
BL-SE500A-11S BETLUX-BL-SE500A-11S Datasheet
150Kb / 4P
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
REV NO: V.2
BL-SE800A-11S BETLUX-BL-SE800A-11S Datasheet
152Kb / 4P
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
REV NO: V.2
BL-SE1000A-11S BETLUX-BL-SE1000A-11S Datasheet
193Kb / 5P
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
REV NO: V.2
BL-SE2000A BETLUX-BL-SE2000A Datasheet
4Mb / 4P
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
REV NO: V.2
BL-SEC1600A BETLUX-BL-SEC1600A Datasheet
104Kb / 4P
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
REV NO: V.2
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
Seven segment LED display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com