Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0654-F Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0654-F
Description  FireBeetle 2 ESP32-E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654-F Datasheet(HTML) 4 Page - DFROBOT

  DFR0654-F Datasheet HTML 1Page - DFROBOT DFR0654-F Datasheet HTML 2Page - DFROBOT DFR0654-F Datasheet HTML 3Page - DFROBOT DFR0654-F Datasheet HTML 4Page - DFROBOT DFR0654-F Datasheet HTML 5Page - DFROBOT DFR0654-F Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Espressif has recently released one wafer-level change on ESP32 Series of
products (ECO V3). Below are the main design changes in ECO V3 Series of
chips:
1. PSRAM Cache Bug Fix: Fixed “When the CPU accesses the external SRAM
in a certain sequence, read & write errors can occur”.
2. Fixed “When each CPU reads certain different address spaces
simultaneously, a read error can occur.”
3. Optimized 32.768 KHz crystal oscillator stability, the issue was reported by
the client that there is a low probability that under ECO V1 hardware, the
32.768 KHz crystal oscillator couldn’t start properly.
4. Fixed Fault injection issues regarding secure boot and flash encryption are
fixed.
5. Improvement: Changed the minimum baud rate supported by the CAN
module from 25 kHz to 12.5 kHz.
FEATURES
• ESP32 Dual-core low power main controller, 10uA power consumption
• WiFi+Bluetooth 4.0 Dual-mode Module
• GDI Display Port, easy to connect
• Onboard Charging Circuit and PH2.0 lithium Battery Interface
SPECIFICATION
• Operating Voltage: 3.3V
• Input Voltage: 3.3V~5.5V
• Support Low-Power: 2mA
• Max Discharge Current: 600mA@3.3V LDO
• Max Charge Current: 500mA
• Support USB Charging
• Processor: Tensilica LX6 dual-core processor (One for high-speed
connection; one for independent application development)
• Main Frequency: 240MHz
• SRAM: 520KB
• Flash: 4MB
• Wi-Fi Standard: FCC/CE/TELEC/KCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com