Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0654 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 2 Page - DFROBOT

  DFR0654 Datasheet HTML 1Page - DFROBOT DFR0654 Datasheet HTML 2Page - DFROBOT DFR0654 Datasheet HTML 3Page - DFROBOT DFR0654 Datasheet HTML 4Page - DFROBOT DFR0654 Datasheet HTML 5Page - DFROBOT DFR0654 Datasheet HTML 6Page - DFROBOT DFR0654 Datasheet HTML 7Page - DFROBOT DFR0654 Datasheet HTML 8Page - DFROBOT DFR0654 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
2/122
Besides, the stamp hole design makes it able to be easily embedded in your PCB, greatly saving your costs and time to build and test
prototype.
2. What is FireBeetle Series?
FireBeetle was originally designed to be a high-performance and more Mini Arduino open-source development board series. Now it is not
only fully compatible with Arduino development environment, but also comes with abundant hardware and software resources. FireBeetle will
support the various development environment like MakeCode, Mind+, Pingpong and MicroPython (to be improved soon), which allows you to
program your hardware by graphical programming, C language, Python or JS.
This open source board of high-flexibilty could bring you infinite possibilities! There are a large number of detailed tutorials and thousands of
easy-to-use Gravity peripherals that provide you with the simplest way to program. No matter you are a student, an electronic enthusiast, an
artist or a designer, this would be your best partner to open up the world of electronic without dealing with complicated circuits, brain-buring
codings, and all complex communication protocols. Turn your worthy ideas into fantastic reality with this FireBeetle series board!
3. Features
Compatible with DFRobot FireBeetle V2 Series
Small Size of 25.4×60 mm
ESP32 Dual-core low power maincontroller, WiFi+BT4.0
GDI Display Port, esay to connect
Onboard Charging Circuit and PH2.0 li-ion Battery Port
4. Specification
Operating Voltage: 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com