Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2902 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2902
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2902 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2902 Datasheet HTML 1Page - STMicroelectronics SD2902 Datasheet HTML 2Page - STMicroelectronics SD2902 Datasheet HTML 3Page - STMicroelectronics SD2902 Datasheet HTML 4Page - STMicroelectronics SD2902 Datasheet HTML 5Page - STMicroelectronics SD2902 Datasheet HTML 6Page - STMicroelectronics SD2902 Datasheet HTML 7Page - STMicroelectronics SD2902 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
13
16
18
21
23
26
28
0
5
10
15
20
25
VDD, SUPPLY VOLTAGE (VOLTS)
Pin = 1. 6 W
Pin = .8 W
Pin = .4 W
ID Q = 25 m A
f = 400 MHz
GC82990
Output Power vs Input Power
0.1
0.4
0.7
1
1.3
1.6
0
5
10
15
20
25
Pin, INPUT POWER (W)
Vdd = 28 V
Vdd = 13. 5 V
Tc= 25
°C
f = 400 MHz
ID Q = 25 mA
GC82970
Output Power vs Input Power
0.1
0.4
0.7
1
1.3
1.6
0
5
10
15
20
25
30
Pin, INPUT POW ER (W)
T = -20ºC
T = 25º C
T = 80ºC
IDQ = 25 m A
VDD = 28 V
f = 400 MHz
GC83000
Output Power vs Voltage Supply
Output Power vs Gate Voltage
-1
0
123
45
67
0
5
10
15
20
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDD = 28 V
ID Q = 25 mA
f = 400 MHz
Pin = Constant
T= 80
°C
T = -20
°C
T= 25
°C
GC82980
Power Gain vs Output Power
0
5
10
15
20
25
11
12
13
14
15
Pout, OUTPUT POWER (W)
Tc= 25
°C
f = 400 MHz
ID Q = 25 m A
GC83010
Efficiency vs Output Power
0
5
10
15
20
25
20
30
40
50
60
70
Pout, OUTPUT POWER (W)
Tc= 25
°C
f = 400 MHz
ID Q = 25 mA
GC83020
TYPICAL PERFORMANCE
SD2902
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com