Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTP6A Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # UTP6A
Description  Mini-Com® TX6A™ 10Gig™ UTP Coupler Module and Patch Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTP6A Datasheet(HTML) 1 Page - PANDUIT CORP.

  UTP6A Datasheet HTML 1Page - PANDUIT CORP. UTP6A Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
key features and benefits
applications
technical information
specifications
Category 6A/Class EA, 8-position, female to female, UTP
coupler module shall provide easy plug and play pass
through connectivity. Coupler module shall act as one
connecting hardware component in the channel. Coupler
modules shall be available individually or installed in a
24-port flat patch panel. Couplers shall be compatible
with 6 or 8-position RJ45 UTP patch cords with T568A
and T568B wiring schemes.
100% performance tested
Confidence that each coupler will deliver the critical
electrical performance requirements
Modular
Couplers snap in and out of all Mini-Com® Faceplates,
Modular Patch Panels and industrial bulkheads for easy
moves, adds and changes
RJ45 interface
Industry standard interface provides a quick and easy
plug and play connection to RJ45 patch cords;
backwards compatible
Identification
Can be clearly identified with optional labels and icons for
port identification
Populated patch panel version
Factory installed 24-port patch panel mounts to standard
EIA 19" or 23" racks for greater system flexibility
Block out device (optional)
Provides a simple and secure method to control access to
data ports while not in use
Mini-Com® TX6A™ 10Gig™ UTP Coupler
Modules and Patch Panels are a component
of the TX6A™ 10Gig™ UTP Copper
Cabling System. This end-to-end system
is interoperable and backwards compatible,
providing design flexibility to protect network
investments well into the future. Couplers
are designed to perform as a single connector
in the channel. One coupler can be used per
channel while maintaining Category 6A/Class
EA performance. Couplers are a reliable,
modular solution, ideal when setting up
networks in a testing environment or
during a planned system upgrade.
With certified performance to the
ANSI/TIA-568-C.2 Category 6A and ISO
11801 Class EA standards, this system will
support the following applications:
• Ethernet 10BASE-T, 100BASE-T
(FastEthernet), 1000BASE-T
(Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM,
1.2 Gb/s ATM
• Token Ring 4/16
• Digital video and broadband/baseband
analog video
• Voice over Internet Protocol (VoIP)
Mini-Com® TX6A™ 10Gig™ UTP
Coupler Module and Patch Panel
SPECIFICA TION SHEET
TX6A™ 10Gig ® UTP
Copper Cabling System
Mini-Com® TX6A™ UTP
Copper Modules
Coupler Module:
CC6X88‡
Mini-Com® TX6A™ 10Gig ® UTP
Coupler Patch Panel
24-port, 1 RU:
CP246X88BL
TX6A™ 10Gig ® UTP Patch Cords
with MaTriX Technology
CM (foot lengths):
UTP6A^
CM (meter lengths): UTP6A^^M
TX6A-SD™ 10Gig ® UTP Patch
Cords with MaTriX Technology
CM (ft lengths):
UTP6ASD^BU
CM (m lengths):
UTP6ASD^^MBU
LSZH (m lengths):
UTP6ASDL^^M
Mini-Com® Angled Modular
Patch Panels
24-port, 1 RU:
CPPA24FMWBLY
48-port, 2 RU:
CPPA48FMWBLY
72-port, 2 RU:
CPPLA72WBLY
Mini-Com® Flat Modular
Patch Panels
24-port, 1 RU:
CPP24FMWBLY
48-port, 2 RU:
CPP48HDWBLY
48-port, 1 RU:
CPP48FMWBLY
72-port, 2 RU:
CPP72FMWBLY
Tools and Accessories
Jack module
termination tool:
TGJT or EGJT
Wire snipping tool: CWST
Wire stripping tool: CJAST
Clear dust cap:
MDC-C
Blockout device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C++
Data icons:
CIDIW-C++
‡ For additional colors, add suffix: BL (Black),
IW (Off White), BU (Blue), RD (Red), GR
(Green), OR (Orange), IG (International Gray),
or YL (Yellow).
^ For lengths 3 to 20 feet (one foot increments)
and 25, 30, 35, 40 feet, change the length
designation in the part number to the desired
length. For standard cable colors other than
Off White, add suffix BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
OR (Orange) or VL (Violet). For example,
UTP6A15BU = blue, 15-foot patch cord.
^^ For lengths 1, 1.5, 2 to 7 (one meter
increments), 10, 15, 20 meters, change the
length designation in the part number to the
desired length. For standard cable colors
other than Off White, add suffix BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange) or VL (Violet). LSZH patch cable
available in Off White or BU (Blue). For
example, UTP5ASD5MBU = blue, 5-meter
patch cord.
^^^To designate color other than Red, add
suffix BL (Black), BU (Blue), YL (Yellow),
GR (Green), OR (Orange), IW (Off White) or
IG (International Gray) at the end of the part
number. 10/package.
++To designate color other than IW (Off White),
replace IW with EI (Electric Ivory),
IG (International Gray), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
OR (Orange) or VL (Violet) in the part number.
100/package.
Category 6A/Class EA
channel performance:
Exceeds channel requirements of ANSI/TIA-568-C.2 Category 6A
and ISO11801 Class EA standards for supporting 10GBASE-T
transmission over twisted pair cabling systems in a 4-connector
configuration up to 100 meters
One coupler can be used per channel while maintaining Category
6A/Class EA performance
FCC and
ANSI/TIA compliance:
Meets ANSI/TIA-1096-A; contacts plated with 50 microinches
of gold for superior performance
IEC compliance:
Meets IEC 60603-7
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE applications
RoHS compliance:
Compliant
c(UL)US rated:
UL 1863, CSA Standard C22.2


Similar Part No. - UTP6A

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
UTP6ABU PANDUIT-UTP6ABU Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
UTP6ASD PANDUIT-UTP6ASD Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
UTP6ASDBU PANDUIT-UTP6ASDBU Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
UTP6ASDRD PANDUIT-UTP6ASDRD Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
More results

Similar Description - UTP6A

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CC5E888L PANDUIT-CC5E888L Datasheet
86Kb / 2P
MINI-COM CAT5E COUPLER MODULE
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
DPA246X88TGY PANDUIT-DPA246X88TGY Datasheet
143Kb / 1P
DP6A 10Gig UTP Patch Panels Component Labels for DP6A 10Gig UTP Patch Panels
PUFR6X04BU-UG PANDUIT-PUFR6X04BU-UG Datasheet
177Kb / 2P
TX6A??10Gig??Shielded Copper Cable ??U/FTP
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
logo
Advantech Co., Ltd.
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
logo
AAEON Technology
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com