Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4010 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4010 Datasheet HTML 12Page - Analog Devices AD4010 Datasheet HTML 13Page - Analog Devices AD4010 Datasheet HTML 14Page - Analog Devices AD4010 Datasheet HTML 15Page - Analog Devices AD4010 Datasheet HTML 16Page - Analog Devices AD4010 Datasheet HTML 17Page - Analog Devices AD4010 Datasheet HTML 18Page - Analog Devices AD4010 Datasheet HTML 19Page - Analog Devices AD4010 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 16 of 39
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
0
2
4
6
8
10
1
3
5
7
9
11
12
Figure 35. Standby Current vs. Temperature
020
40
60
80
100 120 140 160 180 200 220
LOAD CAPACITANCE (pF)
5
7
9
11
13
15
17
19
21
23
VIO = 5.0V
VIO = 3.3V
VIO = 1.8V
Figure 36. tDSDO vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com