Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB-1 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # PCMB-1
Description  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCMB-1 Datasheet(HTML) 4 Page - PANDUIT CORP.

  PCMB-1 Datasheet HTML 1Page - PANDUIT CORP. PCMB-1 Datasheet HTML 2Page - PANDUIT CORP. PCMB-1 Datasheet HTML 3Page - PANDUIT CORP. PCMB-1 Datasheet HTML 4Page - PANDUIT CORP. PCMB-1 Datasheet HTML 5Page - PANDUIT CORP. PCMB-1 Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
800.777.3300 | Panduit.com
Cable Ties | Cable Ties & Wire Markers
Adhesive Backed Latching Wire Clips
• Route and secure cords
and cables
• Convenient releasable latch
• Available in three sizes with
releasable latch
• For indoor use only
• Gray Color Nylon 6.6*
• Rubber adhesive
Part No.
Size
Max. Bundle
Diameter
Pkg. Qty.
LWC38-A-C
1"L x 1"W x 0.56"H
0.38"
100
LWC50-A-L
1.26"L x 1"W x 0.67"H
0.50"
50
LWC75-A-L
1.48"L x 1.24"W x 0.9"H
0.75"
50
Pan-Steel® Strapping – MS Series
• Fold over design provides high-retained tension in mechanical fastening and cable bundling applications
• Can be used in a wide range of indoor, outdoor, and underground (including direct burial) applications
• Smooth surfaces and rounded edges assures cable protection and worker safety
• AISI 201 stainless steel for general-purpose applications
• AISI 316 stainless steel for the most corrosive environments
• After tensioning, cut end is locked inside with low profile buckle – no sharp edges
• Recommended installation tool – BT75SDT
Part No.
Description
Size
Length* x Width x Thickness
Max./Min
Bundle Diameter
Strap Breaking
Strength
Pkg.
Qty.
MS4W75T30-Q2
Stainless steel strapping,
201 AISI stainless steel
20.2"L x 0.75"W x 0.030"T
4"/1"
2400 lbs.
25
MSW75T30-CR6
Custom length stainless steel strapping,
AISI 316 stainless steel
100-ft. L x 0.75"W x 0.030"T
–/1"
2400 lbs.
1 Roll
MSBW75-C6
Individual buckles use with custom
length strapping, AISI 316 (0.75" width)
1.31"L x 1.64"W x 0.070"T
–/1"
–
100
*Other lengths available, contact Panduit Customer Service.
Hand Operated Installation Tool for MS Series Strapping
• Screw drive tension mechanism provides high tension with minimal effort, reducing
operator fatigue
• Heavy duty construction offers a longer service life
• Allows quick side entry of the strap into tool to speed installation
• For use with 0.75" width strapping only
• Screwdriver required for buckle closure (not included)
No. BT75SDT
Bevel Entry Clips
• Beveled entry allows for easy insertion of
cable bundle
• Natural Color Nylon 6.6
• For indoor use only
• Rubber adhesive
• 50/Pkg.
Part No.
Size
Max. Bundle Diameter
BEC38-A-L
1.46"L x 1.24"W x 0.52"H
0.38"
BEC62-A-L
1.46"L x 1.24"W x 0.79"H
0.62"
BEC75-A-L
1.46"L x 1.49"W x 0.89"H
0.75"
Clincher™ Adjustable Releasable Clamp
• Adjustable clamp designed to contain
a range of cable bundle diameters
• Latch can be released to provide
access to cable bundles
• For indoor use only
• Material: Polypropylene
• Bundle Diameter Range: 0.19"-0.68"
• Rubber adhesive:
General purpose choice with fast
strength adhesion dwell time of 2 hours
after installation, prior to loading.
Temperature range: -20° to 120°F
• Gray
• 25/Pkg.
No. ARC.68-A-Q14
Adhesive Backed Cord Clips
• Cables are easily snapped
into or out of the clips
• Natural Color Nylon 6.6
• Rubber adhesive
• 100/Pkg.
Part No.
Size
Max. Bundle Diameter
ACC19-A-C
0.75"W x 0.62"L x 0.25"H
0.19"
ACC38-A-C
1.00"W x 1.00"L x 0.38"H
0.38"
ACC62-A-C
1.24"W x 1.12"L x 0.63"H
0.62"
*Go to panduit.com for full product offering. Gray wire clips pictured.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com