Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ10-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5273BRJZ10-R7
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ10-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5273BRJZ10-R7 Datasheet HTML 12Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 13Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 14Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 15Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 16Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 17Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 18Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 19Page - Analog Devices AD5273BRJZ10-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 20 of 20
OUTLINE DIMENSIONS
Figure 50. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
R
AB (kΩ)
Temperature Range
Package Option
Package Description
Ordering Quantity
Branding
AD5273BRJZ1-R2
1
−40°C to +105°C
RJ-8
8-Lead SOT-23
250
DD8
AD5273BRJZ1-REEL7
1
−40°C to +105°C
RJ-8
8-Lead SOT-23
3,000
DD8
AD5273BRJZ10-R2
10
−40°C to +105°C
RJ-8
8-Lead SOT-23
250
DD9
AD5273BRJZ10-R7
10
−40°C to +105°C
RJ-8
8-Lead SOT-23
3,000
DD9
AD5273BRJZ50-REEL7
50
−40°C to +105°C
RJ-8
8-Lead SOT-23
3,000
DDC
AD5273BRJZ100-R2
100
−40°C to +105°C
RJ-8
8-Lead SOT-23
250
DDD
AD5273BRJZ100-R7
100
−40°C to +105°C
RJ-8
8-Lead SOT-23
3,000
DDD
EVAL-AD5273DBZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
COMPLIANT TO JEDEC STANDARDS MO-178-BA
8°
4°
0°
SEATING
PLANE
1.95
BSC
0.65 BSC
0.60
BSC
7
6
1
2
3
4
5
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.22 MAX
0.08 MIN
0.38 MAX
0.22 MIN
0.60
0.45
0.30
PIN 1
INDICATOR
8
©2002–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03224-0-6/15(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com