Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ100-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5273BRJZ100-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ100-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5273BRJZ100-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 11Page - Analog Devices AD5273BRJZ100-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. RINL vs. Code vs. Supply Voltages
Figure 4. RDNL vs. Code vs. Supply Voltages
Figure 5. INL vs. Code vs. Temperature
Figure 6. DNL vs. Code vs. Temperature
Figure 7. INL vs. Code vs. Supply Voltages
Figure 8. DNL vs. Code vs. Supply Voltages
VDD = 3V
VDD = 5V
CODE (Decimal)
0.5
0.3
–0.5
0
64
8
16
24
32
40
48
56
0.1
–0.1
–0.3
RAB = 10kΩ
TA = 25°C
CODE (Decimal)
0.25
0.15
–0.25
0
64
8
16
24
32
40
48
56
0.05
–0.05
–0.15
RAB = 10kΩ
TA = 25°C
VDD = 5V
VDD = 3V
CODE (Decimal)
0.10
0.06
–0.10
0
64
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10kΩ
TA = +85°C
TA = +25°C
TA = –40°C
TA = +125°C
CODE (Decimal)
0.10
0.06
–0.10
0
64
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10kΩ
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
CODE (Decimal)
0.10
0.06
–0.10
0
64
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10kΩ
TA = 25°C
3V
5V
CODE (Decimal)
0.10
0.06
–0.10
0
64
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10kΩ
TA = 25°C
3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com