Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB-5 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # PCMB-5
Description  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCMB-5 Datasheet(HTML) 3 Page - PANDUIT CORP.

  PCMB-5 Datasheet HTML 1Page - PANDUIT CORP. PCMB-5 Datasheet HTML 2Page - PANDUIT CORP. PCMB-5 Datasheet HTML 3Page - PANDUIT CORP. PCMB-5 Datasheet HTML 4Page - PANDUIT CORP. PCMB-5 Datasheet HTML 5Page - PANDUIT CORP. PCMB-5 Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Cable Ties & Wire Markers | Cable Ties
4-Way Adhesive Backed Cable Tie Mounts
• Allows cable tie entry from all four sides
• Available in multiple sizes to match application load requirements
• Provides 2-up for fast and easy liner removal to speed installation
Rubber Adhesive
• General purpose
• Fast strength adhesion dwell time 2 hours after installation, prior to loading
• Temperature Range: -20° to 120°F
Acrylic Adhesive
• For high temperature locations and exposure to UV rays
• Maximum adhesive strength after 8 hours dwell time, prior to loading
• Temperature Range: -20° to 180°F
Part No.
Size
Length x Width x Thickness
Material
Color
Environment
Adhesive
Mounting Method
Used with Cable Ties*
Pkg. Qty.
ABMM-A-C
0.75" x 0.75" x 0.18"
ABS
White
Indoors
Rubber
M, I
100
ABMM-AT-C0
0.75" x 0.75" x 0.18"
Weather Resistant ABS
Black
Outdoors/HighTemp
Acrylic
M, I
100
ABM2S-A-C
1.00" x 1.00" x 0.16"
ABS
White
Indoors
Rubber
M, I, S
100
ABM2S-AT-C0
1.00" x 1.00" x 0.16"
Weather Resistant ABS
Black
Outdoors/HighTemp
Acrylic
M, I, S
100
ABM112-A-C
1.12" x 1.12" x 0.16"
Nylon 6.6
White
Indoors
Rubber
M, I, S
100
ABM112-AT-C0
1.12" x 1.12" x 0.16"
Weather Resistant Nylon 6.6
Black
Outdoors/HighTemp
Acrylic
M, I, S
100
ABM3H-A-L
1.50" x 1.50" x 0.25"
Nylon 6.6
White
Indoors
Rubber
M, I, S, HS, LH, H, HLM
50
ABM3H-AT-L
1.50" x 1.50" x 0.25"
Nylon 6.6
White
Indoors/HighTemp
Acrylic
M, I, S, HS, LH, H, HLM
50
ABM4H-A-L
2.00" x 2.00" x 0.25"
Nylon 6.6
White
Indoors
Rubber
M, I, S, HS, LH, H, HLM
50
ABM4H-AT-L
2.00" x 2.00" x 0.25"
Nylon 6.6
White
Indoors/HighTemp
Acrylic
M, I, S, HS, LH, H, HLM
50
*Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, and H = Heavy, HLM = Miniature Tak-Ty® Hook & Loop Ties.
GTS-E
GTH-E
Cable Tie Tools – Tool Controlled Tension and Cut-Off
• Use in production, maintenance, or construction applications
• Tool controls tension provides flush cut-off and speeds installation to lower installed cost
• Lightweight and balanced
• Easy to change tension adjustment and easy to operate
• A combination of design, operation, and construction features, provides a long service life
• No special maintenance required
• Ergonomic design lowers the risk of repetitive motion injuries
• Lowest activation and impact to installer’s hand
Part No.
Weight
Use with
Cable Ties
GTS-E
9.8 oz.
SM, M, I, S
GTH-E
12 oz.
S, HS, LH, H
Mounts, Plates and Spacers
We carry mounts, plates and spacers.
Go to www.panduit.com for our full offering.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com