Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7490BCPZ Datasheet HTML 10Page - Analog Devices AD7490BCPZ Datasheet HTML 11Page - Analog Devices AD7490BCPZ Datasheet HTML 12Page - Analog Devices AD7490BCPZ Datasheet HTML 13Page - Analog Devices AD7490BCPZ Datasheet HTML 14Page - Analog Devices AD7490BCPZ Datasheet HTML 15Page - Analog Devices AD7490BCPZ Datasheet HTML 16Page - Analog Devices AD7490BCPZ Datasheet HTML 17Page - Analog Devices AD7490BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7490
Data Sheet
Rev. E | Page 14 of 28
SHADOW REGISTER
The Shadow register on the AD7490 is a 16-bit, write-only
register. Data is loaded from the DIN pin of the AD7490 on the
falling edge of SCLK. The data is transferred on the DIN line at
the same time that a conversion result is read from the part.
This requires 16 serial falling edges for the data transfer. The
information is clocked into the Shadow register, provided the
SEQ and SHADOW bits are set to 0, 1, respectively, in the
previous write to the control register. MSB denotes the first bit
in the data stream. Each bit represents an analog input from
Channel 0 through Channel 15. A sequence of channels can be
selected through which the AD7490 cycles with each consecutive
CS falling edge after the write to the Shadow register. To select a
sequence of channels, the associated channel bit must be set for
each analog input. The AD7490 continuously cycles through
the selected channels in ascending order, beginning with the
lowest channel, until a write operation occurs (that is, the WRITE
bit is set to 1), with the SEQ and SHADOW bits configured in
any way except 1, 0 (see Table 12). The bit functions are
outlined in Table 13.
Figure 12 reflects the normal operation of a multichannel ADC,
where each serial transfer selects the next channel for conversion.
In this mode of operation, the sequencer function is not used.
DOUT: CONVERSION RESULT FROM
PREVIOUSLY SELECTED CHANNEL ADD3 TO
ADD0
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE,AND POWER MODE
SELECT ADD3 TO ADD0 FOR CONVERSION,
SEQ = SHADOW = 0
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO ADD0 FOR
CONVERSION,
SEQ = SHADOW = 0
DUMMY CONVERSIONS
DIN = ALL 1s
CS
CS
WRITE BIT = 1,
SEQ = SHADOW = 0
POWER ON
Figure 12. SEQ Bit = 0, SHADOW Bit = 0 Flowchart
Figure 13 shows how to program the AD7490 to continuously
convert on a particular sequence of channels using the Shadow
register. To exit this mode of operation and revert back to the
normal mode of operation of a multichannel ADC (as outlined
in Figure 12), ensure that WRITE = 1 and SEQ = SHADOW = 0
on the next serial transfer.
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO ADD0 FOR
CONVERSION,
SEQ = 0 SHADOW = 1
CS
DOUT: CONVERSION RESULT FROM
PREVIOUSLY SELECTED CHANNEL ADD3 TO
ADD0
DIN: WRITE TO SHADOW REGISTER,
SELECTING WHICH CHANNELS TO CONVERT
ON; CHANNELS SELECTED NEED NOT BE
CONSECUTIVE
CS
DUMMY CONVERSIONS
DIN = ALL 1s
POWER ON
CS
CONTINUOUSLY
CONVERTS ON THE
SELECTED SEQUENCE
OF CHANNELS BUT
ALLOWS RANGE,
CODING, AND SO ON,
TO CHANGE IN THE
CONTROL REGISTER
WITHOUT
INTERRUPTING THE
SEQUENCE PROVIDED,
SEQ = 1 SHADOW = 0
WRITE BIT = 0
WRITE BIT = 0
WRITE
BIT = 0
WRITE BIT = 1,
SEQ = 1, SHADOW = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
CONTINUOUSLY
CONVERTS ON THE
SELECTED SEQUENCE
OF CHANNELS
Figure 13. SEQ Bit = 0, SHADOW Bit = 1 Flowchart
Table 13. Shadow Register
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9
VIN10
VIN11
VIN12
VIN13
VIN14
VIN15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com