Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8216WYRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8216WYRZ-R7
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216WYRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8216WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 9Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 10Page - Analog Devices AD8216WYRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8216
Rev. C | Page 7 of 16
TIME (500ns/DIV)
OUTPUT (2V/DIV)
INPUT (1V/DIV)
Figure 10. Differential Overload Recovery (Falling)
TIME (500ns/DIV)
OUTPUT (2V/DIV)
INPUT (1V/DIV)
Figure 11. Differential Overload Recovery (Rising)
8
7
6
5
4
3
2
1
0
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 12. Maximum Output Sink Current vs. Temperature
10
8
6
4
2
0
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 13. Maximum Output Source Current vs. Temperature
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT SOURCE CURRENT (mA)
Figure 14. Output Voltage Range vs. Output Source Current
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT SINK CURRENT (mA)
Figure 15. Output Voltage Range from GND vs. Output Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com