Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

010331TD Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 010331TD
Description  Pt100 Probe 4mm x 150mm with Adjustable Stainless Steel Compression Fitting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

010331TD Datasheet(HTML) 1 Page - Labfacility Ltd

  010331TD Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tube is fitted with a 1/8-inch BSP compression fitting moveable over its entire
length to allow flexibility in sitting the probe.
•
4mm x 150mm stainless steel tube
•
1m of PTFE 2 core cable
•
Supplied with adjustable stainless steel compression fitting 1/8” BSPP x 4mm
•
Grade ‘B’ flat film element
Diameter
Length
Manufacturers Code
Order Code
4.0mm
150mm
XF-263-FAR
146-885
********************************************************************************
Please Note:
The heading on the Farnell website states drawing number ‘010351TD’, this is incorrect and
should be ‘010331TD’. Unfortunately this can not be changed.
********************************************************************************
Pt100 Probe 4mm x 150mm with Adjustable
Stainless Steel Compression Fitting
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
190-0818 Pt100 Probe 4mm x 150mm with Adjustable Stainless Steel Compression Fitting


Similar Part No. - 010331TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010331 ETC2-010331 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
More results

Similar Description - 010331TD

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6288 POMONA-6288 Datasheet
97Kb / 2P
Stainless Steel Sharp Tip Probe Set with Right-Angle Test Leads
6479 POMONA-6479 Datasheet
202Kb / 2P
Stainless Steel Sharp Tip Probe Set
logo
Cynergy3 Co
RSF70 CYNERGY3-RSF70 Datasheet
453Kb / 1P
compact external fitting with compression seal
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
horizontal stainless steel compact internal fitting
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
logo
Cynergy3 Co
SSF212X100-14G CYNERGY3-SSF212X100-14G Datasheet
329Kb / 1P
Compact Horizontal Stainless Steel Floatswitch NPT External Fitting
logo
List of Unclassifed Man...
79696036 ETC2-79696036 Datasheet
260Kb / 4P
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
logo
NTE Electronics
72-012 NTE-72-012 Datasheet
628Kb / 5P
Standard Probe, 4mm
logo
TT Electronics.
FMEX TTELEC-FMEX Datasheet
337Kb / 2P
Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com