Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7255743 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 7255743
Description  Ceramic Sheathed Pt100 Inserts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

7255743 Datasheet(HTML) 2 Page - Labfacility Ltd

  7255743 Datasheet HTML 1Page - Labfacility Ltd 7255743 Datasheet HTML 2Page - Labfacility Ltd 7255743 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
PRT - 28
Mar-24
Specifications
General Description
Pt100 thin film element housed in ceramic sheath
Element
Pt100
Cable Length
50mm or 450mm
Cable Type
PTFE insulated wires
Core / Strands
7/0.15mm
Cable Termination
Bare Tails
Max. Temperature
+250°C
Min. Temperature
-50°C
Tolerance
Class B
Detector Dimensions
Ceramic 5mm dia x 35mm long
Number of Wires
2 or 4
Multi Pack - Ordering Information
Type
Number
of
Wires
Class
Sheath
Diameter
Sheath
Length
Wire
Length
Pack Size
Manufacturers
Number
Farnell order
Number
PT100
2
B
5
35
50mm
10
010011TD
XF-2918-FAR
PT100
4
B
5
35
450mm
10
010010TD
XF-2919-FAR
Singles - Ordering Information
Type
Number
of Wires
Class
Sheath
Diameter
Sheath
Length
Wire
Length
Manufacturers Number
Farnell order Number
PT100
2
B
5
35
50mm
010011TD
7255731
PT100
4
B
5
35
450mm
010010TD
7255743



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com