Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2347139 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2347139
Description  PCB Mounting Thermocouple Connector Socket AM-J-PCB Type J ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2347139 Datasheet(HTML) 2 Page - Labfacility Ltd

  2347139 Datasheet HTML 1Page - Labfacility Ltd 2347139 Datasheet HTML 2Page - Labfacility Ltd 2347139 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
CONNECTORS - 6 (J)
Dec-23
Specifications
General Description
Versatile, high quality circuit board mounting miniature socket
Thermocouple Type
J ANSI
Connector Type
PCB socket
Connector Size
Miniature
Colour
Black
Max. Temperature
220°C
+Positive Contact
Iron
-Negative Contact
Copper Nickel
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple
Type
Colour Code
Size
Style
Manufacturers
Number
Farnell order
Number
J
ANSI
Miniature
PCB socket
AM-J-PCB
2347139



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com