Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073239 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4073239
Description  Miniature Quick Wire Connector Thermocouple Plug & Socket AM-K-MQFQ Type K ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073239 Datasheet(HTML) 2 Page - Labfacility Ltd

  4073239 Datasheet HTML 1Page - Labfacility Ltd 4073239 Datasheet HTML 2Page - Labfacility Ltd 4073239 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
CONNECTORS - 61 (K)
Dec-23
Specifications
General Description
Easy jab-in connection for rapid termination.
Thermocouple Type
K ANSI
Connector Type
Quick Wire Plug & Socket
Connector Size
Miniature
Colour
Yellow
Max. Temperature
220°C
Pins
Flat Pins
+Positive Contact
Nickel Chromium
-Negative Contact
Nickel Alloy
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple
Type
Colour Code
Size
Style
Manufacturers
Number
Farnell order
Number
K
ANSI
Miniature
Quick Wire Plug &
Socket
AM-K-MQ+FQ
4073239



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com